PART |
Description |
Maker |
VSKH250-08PBF VSKL250-16 SKT250-04PBF SKT250-08PBF |
Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 1600 V, SCR, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 1000 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 377 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 377 A, 1200 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
|
Vishay Semiconductors Vishay Siliconix
|
IRKLF102-08HJ IRKLF112-08HN IRKLF102-06HK IRKLF102 |
164.85 A, 800 V, SCR Silicon Controlled Rectifier, 250 A, 800 V, SCR, POWER, INT-A-PAK-5 Silicon Controlled Rectifier, 164.85 A, 600 V, SCR Silicon Controlled Rectifier, 164.85 A, 1200 V, SCR
|
Vishay Semiconductors
|
MCR310-010 MCR310-D |
Silicon Controlled Rectifier 10A 800V Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
|
ON Semiconductor
|
2N3670 2N4103 2N3669 2N3668 |
12.5A silicon controlled rectifier. Vrm(non-rep) 330V. 12.5A SILICON CONTROLLED RECTIFIERS
|
General Electric Solid State GE[General Semiconductor] GE Security, Inc.
|
IRKL41-06 IRKL41-08 IRKL41-14 |
Silicon Controlled Rectifier, 62.8 A, 600 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 800 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 1400 V, SCR, TO-240AA
|
Vishay Semiconductors
|
CS218-35D CS218-35PB CS218-35B CS218-35N CS218-35M |
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 400 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 200 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 600 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 800 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1000 V, SCR, TO-218 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1200 V, SCR, TO-218
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
IRKL91-14S90 KT91-08S90 KT91-14S90 KT92-08 |
Silicon Controlled Rectifier, 141.3 A, 1400 V, SCR, TO-240AA Silicon Controlled Rectifier, 141.3 A, 800 V, SCR, TO-240AA
|
Vishay Semiconductors
|
ST280S04M1V ST280S06M1V |
Silicon Controlled Rectifier, 440 A, 400 V, SCR, TO-209AB Silicon Controlled Rectifier, 440 A, 600 V, SCR, TO-209AB
|
Vishay Semiconductors
|
IRKH57-08 IRKH42-04 IRKH42-12S90 IRKL41-12S90 |
86.35 A, 800 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 400 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 1200 V, SCR, TO-240AA
|
Vishay Semiconductors
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
|